Part Number Hot Search : 
M204SD 120H2M5A RJK0362 TB1012F MM3Z5543 04597 10LFT D2454
Product Description
Full Text Search
 

To Download EH5700TS-3300M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eh57 series ? crystal clock oscillators ? lvcmos output ? +2.5v supply voltage ? tri-state output function ? 4 pad ceramic smd package ? low stand-by current ? rohs compliant (pb-free) oscillator eh57 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. manufacturer category series package voltage class rev . date ecliptek corp. oscillator eh57 ceramic 2.5v os6z 03/11 electrical specifications 3.3000mhz to 25.000mhz 25.001mhz to 75.000mhz 75.001mhz to 88.000mhz inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, 260c reflow, shock, and vibration 3.3000mhz to 50.000mhz 20% to 80% of waveform 50.001mhz to 75.000mhz 20% to 80% of waveform 75.001mhz to 88.000mhz 20% to 80% of waveform at 50% of waveform v ih : 90% of v dd or no connection v il : 10% of v dd pin 1 = ground frequency range operating temperature range storage temperature range supply voltage (v dd ) input current (no load) frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time load drive capability duty cycle tri-state input voltage standby current aging (at 25c) start up time period jitter: absolute 0c to +70c or -40c to +85c -55c to +125c 2.5v dc 5% 6ma maximum 7ma maximum 8ma maximum 100ppm maximum 50ppm maximum 25ppm maximum 20ppm maximum 90% of v dd minimum i oh =-8ma 10% of v dd maximum i ol =+8ma 6 nseconds maximum 4 nseconds maximum 2 nseconds maximum 15pf maximum 50 10(%) (standard) or 50 5(%) (optional) enables output disables output: high impedance 10a maximum 5ppm / year maximum 10mseconds maximum 100psec maximum h 0.9 l 2.5 w 2.0 3.300mhz 3.6864mhz 4.750mhz 5.000mhz 6.000mhz 7.000mhz 8.000mhz 9.000mhz 10.000mhz 12.000mhz 13.000mhz 16.000mhz 19.200mhz 20.000mhz 24.000mhz 25.000mhz 26.000mhz 27.000mhz 30.000mhz 33.000mhz 37.500mhz 40.000mhz 52.000mhz 66.000mhz 70.000mhz 75.000mhz 80.000mhz 83.000mhz 88.000mhz
manufacturer category series package voltage class rev . date ecliptek corp. oscillator eh57 ceramic 2.5v os6z 03/11 eh57 00 et t ts - 24.000m tr frequency tolerance / stability 00=100ppm maximum, 45=50ppm maximum, 25=25ppm maximum, 20=20ppm maximum operating temp. range blank =0oc to +70oc et=-40c to +85c duty cycle blank=50 10(%) t=50 5(%) part numbering guide *compliant to eia 481a mechanical dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications suggested solder pad layout all dimensions in millimeters tape and reel dimensions all dimensions in millimeters tolerances= + 0.1 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. 0.425 0.725 0.8 (x4) 0.9 (x4) marking orientation 2.50 0.15 2.00 0.15 0.90 0.10 0.675 0.10 0.95 0.10 0.650.10 0.775 0.10 1 23 4 pin 1: tri-state pin 2: case ground pin 3: output pin 4: supply voltage available options blank=bulk tr=tape & reel frequency output control function ts=tri-state m n o p q 1.5 min 50 min 20.2 min 132-.2 40 min r s t u v qty/reel 2.5 min 10 min 14.4 max 360 max 8.4+1.5-0 1 ,000 reel a b c d e f 8.0 .2 3.5.1 2.75.1 4 .1 2.1 f g h j k l 4.1 b0* 1.55 .05 a0* .25 .05 k0* reel line 1: epo line 2: xxxxx ecliptek manufacturing identifier characteristic specification esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a


▲Up To Search▲   

 
Price & Availability of EH5700TS-3300M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X